Part Number Hot Search : 
0CNQ0 M13252DH ITS410 46V32M16 FJV4105R DTB543EE W78L54 5C253
Product Description
Full Text Search
 

To Download VAC10027CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIBER
Electronics Inc. PART NUMBERING GUIDE
Package VAC = 14 Pin Dip / HCMOS-TTL / VCXO VBC = 8 Pin Dip / HCMOS-TTL / VCXO Inclusive Tolerance/Stability 100= +/-100ppm, 50= +/-50ppm, 25= +/-25ppm, 20= +/-20ppm, 15=15ppm Supply Voltage Blank=5.0Vdc 5% / A=3.3Vdc 5%
Lead-Free RoHS Compliant
VAC, VBC Series
14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
Environmental/Mechanical Specifications on page F5
VAC 100 A 48 F T - 155.520MHz
Duty Cycle Blank=40-60% / T=45-55% Frequency Deviation (Over Controll Voltage A=50ppm / B=100ppm / C=150ppm / D=200ppm / E=300ppm / F=500ppm Operating Temperature Range Blank = 0C to 70C, 27 = -20C to 70C, 48 = -40C to 85C
ELECTRICAL SPECIFICATIONS
Frequency Range (Full Size / 14 Pin Dip) Frequency Range (Half Size / 8 Pin Dip) Operating Temperature Range Storage Temperature Range Supply Voltage Aging (at 25C) Load Drive Capability Start Up Time Pin 1 Control Voltage (Positive Transfer Characteristic) Linearity Input Current 1.000MHz to 20.000MHz 20.001MHz to 30.000MHz 30.001MHz to 2000.000MHz <40.000MHz / 25pSeconds Maximum < 40.000MHz / 100pSeconds Maximum Inclusive of Operating Temperature Range, Supply Voltage and Load w/TTL Load w/HCMOS Load w/TTL Load w/HCMOS Load 0.4Vdc to 2.4Vdc w/TTL Load; 20% to 80% of Waveform w/HCMOS Load @1.4Vdc w/TTL Load; @50% w/HCMOS Load @1.4Vdc w/TTL Load or w/HCMOS Load
Revision: 1997-C
1.500MHz to 200.000MHz 1.000MHz to 40.000MHz 0C to 70C / -20C to 70C / -40C to 85C -55C to 125C 5.0Vdc 5%, 3.3Vdc 5% 5ppm / year Maximum 10TTL Load or 15pF HCMOS Load Maximum 10mSeconds Maximum 2.5Vdc 2.0Vdc 20% 20mA Maximum 40mA Maximum 60mA Maximum >40.000MHz / 50pSeconds Maximum >40.000MHz / 200pSeconds Maximum 100ppm, 50ppm, 25ppm, 20ppm, 15ppm
(20ppm and 15ppm= 0C to 70C Only)
One Sigma Clock Jitter Absolute Clock Jitter Frequency Tolerance / Stability Output Voltage Logic High (Voh) Output Voltage Logic Low (Vol) Rise Time / Fall Time Duty Cycle Frequency Deviation Over Control Voltage
2.4Vdc Minimum Vdd -0.5Vdc Minimum 0.4Vdc Maximum 0.5Vdc Maximum 5nSeconds Maximum 50 10% (Standard) 505% (Optional)
A=50ppm Min. / B=100ppm Min. / C=150ppm Min. / D=200ppm Min. / E=300ppm Min. / F=500ppm Min.
MECHANICAL DIMENSIONS
13.2
MAX
Marking Guide on page F3-F4
13.2 0.9
MAX MAX
7.620
.203
7.620
0.203
5.08
MIN
20.8
MAX
15.240 14 1 0.203 8 7
0.457
0.1 (X4)
13.2
MAX
7.620
0.203
8 5
1 4
0.45701
(X4)
5.08
0.8 0.1
14 Pin Full Size
All Dimensions in mm. Pin 1: Control Voltage (Vc) Pin 7: Case Ground
MAX Insulated Standoffs (Glass)
8 Pin Half Size
Insulated Standoffs All Dimensions in mm. Pin 1: Control Voltage (Vc) Pin 4: Case Ground
(X3)
5.08
MIN
5.6
MAX
Pin 8: Output Pin 14: Supply Voltage
Pin 5: Output Pin 8: Supply Voltage
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of VAC10027CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X